Part Number Hot Search : 
OMH3075 C4732 45H20B 3DD1300 24470 00M400ST PT12320 B3322BT1
Product Description
Full Text Search
 

To Download 0853009004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0853009004 status: active overview: din_41612 description: 5.08mm(.200") pitch through hole, right angle, din header, 8 circuits, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) general product family backplane connectors series 85300 application backplane comments for durability: contact sales component type pcb header overview din_41612 product name iec 603-2/din 41612 style rpv physical circuits (loaded) 8 circuits (maximum) 21 circuits detail rows a & c durability (mating cycles max) contact molex first mate / last break no guide to mating part no keying to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of columns 7 number of pairs open pin field number of rows 2 orientation right angle pc tail length (in) 0.153 in pc tail length (mm) 3.90 mm pcb locator no pcb retention none packaging type carton pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm pitch - term. interface (in) 0.200 in pitch - term. interface (mm) 5.08 mm plating min: mating (in) 2 plating min: mating (m) 0.05 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to pcb no stackable no temperature range - operating -55c to +85c termination interface: style through hole electrical current - maximum per contact 5a data rate 622.0 mbps shielded no eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85300 series
voltage - maximum 250v ac material info reference - drawing numbers sales drawing sd-85300-9004 this document was generated on 05/17/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0853009004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X